Part Number Hot Search : 
M471B527 MC14067B 2SA2012 C1002 VT83205Q RH2D1 LPC903F PSD934F2
Product Description
Full Text Search
 

To Download PT9286B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: Package Dimensions: Device Number: DPT-092-090 PT928-6B ECN: REV: Page: 1.0 1/7
Office: NO 25,Lane.76, Chung Yang Rd., Sec.3, Tucheng, Taipei 236, Taiwan, R.O.C. TEL: 886-2-2267-2000,2267-9936(22Lines) FAX: 886-2-2267-6189 http: //www.everlight.com
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: Notes
1.All dimensions are in millimeter. 2.Lead spacing is measured where the lead emerge from the package . 3.Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 4.These specification sheets include materials protected under copyright of EVERLIGHT corporation . Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent. 5.When using this product , please observe the absolute maximum ratings and the instructions for use outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets.
Device Number: DPT-092-090 PT928-6B ECN:
REV: Page:
1.0 2/7
Description The PT928-6B is a high speed and high sensitivity single photo transistor;molded in a
black plastic package with spherical side view lens. The device is spectrally matched with IR emitters.
Features * Wide angle of half sensitivity= 25 * High sensitivity * Fast response time Applications * Mouse * Optoelectronic Switch * Photo Interrupter
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: Device Number: DPT-092-090 PT928-6B ECN: REV: Page: 1.0 3/7
Absolute Maximum Ratings
(Ta=25)
ITEM Collector Power Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Collector Current Operating Temperature Storage Temperature Soldering Temperature
(1/16 inch from body for 5 seconds)
SYMBOL Pc VCEO VECO Ic Topr Tstg Tsol
RATING 75 30 5 20 -25~+85 -40~+85 260
UNIT mW V V mA
Electro-Optical Characteristics Parameter
Collector Dark Current C-E Saturation Voltage Light Current The Wavelength of Peak Sensitivity Range of Spectral Bandwidth
(Ta=25) Typ 860
700...1200
Symbol Min ICEO VCE(Sat) 0.6 IL p 0.5 tr tf -
Max Unit 100 nA 0.4 V 4.0 mA nm nm Sec Sec
Condition
VCE=20V,Ee=0mW/c Ic=0.5mA,Ee=10mW/cm VCE=5V, IF=5mA
2
----VCE=5V Ic=1mA RL=1000 ---
Response Time
Rise Time Fall Time
15 15 25
Half sensitivity angle
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: Device Number: DPT-092-090 PT928-6B ECN: REV: Page: 1.0 4/7
Typical Characteristics
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: Test Method Device Number: DPT-092-090 PT928-6B ECN: REV: Page: 1.0 5/7
Rankings Parameter 6-1 6-2 7-1 7-2 7-3 Supplements
1.Parts
Symbol
IL
Min 2.0 1.8 1.4 1.0 0.6
Max 4.0 3.5 2.6 2.0 1.4
Unit
Test Condition VCE=5V IF=5mA
mA
(1) Chip
Type PT Material Silicon Peak Wavelength 860nm
(2) Material
Type Material Lead frame SPCC Wire Gold Package Epoxy
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: Reliability
The reliability of products shall be satisfied with items listed below. Confidence level 90 LTPD10 Test Items Test Conditions Failure Judgement Criteria
Device Number: DPT-092-090 PT928-6B ECN:
REV: Page:
1.0 6/7
Samples(n) Defective(c) n =22c=0 n =22c=0
Operating life test VCE=5V Ta25 1000hrs Temperature cycle 1cycle -55to+25to +85 ILL x 0.8 (30min) (5min) (30min) 50 cycle test -55 to + 85 Thermal shock (5min) (5min) 50cycle test LLower High temperature Temp+100 1000hrs specification storage limit Low temperature Temp-55 1000hrs storage High temperature Ta85 RH85 1000hrs High humidity Temp260 5 10 sec Solder heat
n =22c=0
n =22c=0 n =22c=0 n =22c=0 n =22c=0
Solderability
Temp230 5 3 sec
n =22c=0
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: Packing Specifications
1.Bag
4.5 3.5 4.05.5 15 0.5
Device Number: DPT-092-090 PT928-6B ECN:
REV: Page:
1.0 7/7
Label
19 0.5
22
EVERLIGHT
Opto-electronic,Compoments
2.Box
15
Label
3.Carton
24
33
E
V
E
R
L
I
G
H
T
9
48
Label
UNITcm
CPN: Customer's product number P/N: Product number QTY: Packing quantity CAT: Ranks HUE: Peak wavelength REF: Reference LOT NO: Lot number MADE IN TAIWAN: Production place
Packing Quantity Specification
1.1000Pcs/1bag10bags/1box 2.10boxes/1Carton
PT928-6CDATA


▲Up To Search▲   

 
Price & Availability of PT9286B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X